PART |
Description |
Maker |
MAX685 MAX685EEE |
Dual-Output Positive and Negative / DC-DC Converter for CCD and LCD Dual D-type Positive-Edge-Triggered Flip-Flops With Preset And Clear 14-CFP -55 to 125 Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MSK5200ZU MSK5200 MSK5200HTD MSK5200HTS MSK5200HTU |
DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
|
List of Unclassifed Manufacturers ETC[ETC]
|
MSK5200-ETU MSK5200-ZU MSK5200-ZD |
DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS DUAL OUTPUT, FIXED MIXED LDO REGULATOR, SFM5
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
OM1327STM OM1327N2M OM1327NKM OM1327NMM OM1327NTM |
Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
LTC2914IDHC-2PBF LTC2914HGN-1TRPBF |
Quad UV/OV Positive/Negative Voltage Monitor; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 Quad UV/OV Positive/Negative Voltage Monitor; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Linear Technology, Corp.
|
ISL54064IRTZ |
1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability and Click and Pop Elimination; Temperature Range: -40°C to 85°C; Package: 10-TDFN DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10
|
Intersil, Corp.
|
OM3903SC |
(OM3901SC - OM3909SC) DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
|
Omnirel
|
LTC2909ITS8-5 LTC2909 LTC2909CDDB-2.5 LTC2909CDDB- |
Precision Triple/Dual Input UV, OV and Negative Voltage Monitor; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Linear Technology, Corp. LINER[Linear Technology]
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|